|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number :EN699H SVC321SPA Diffused Junction Type Sillicon Diode Varactor Diode (IOCAP) for AM Receiver Electronic Tuning Features * The SVC321SPA is a varactor diode with a good linearity and high capacitance raito that is capable of being operated from a low voltage and is intended for use in AM receiver electronic tuning applications. Package Dimensions unit:mm 1184 [SVC321SPA] C:Cathode A:Anode SANYO:SPA Specifications Absolute Maximum Ratings at Ta = 25C Parameter Reverse Voltage Junction Temperature Storage Temperature Symbol VR Tj Tstg Conditions Ratings 16 100 -55 to +100 Unit V C C Electrical Characteristics at Ta = 25C Parameter Breakdown Voltage Reverse Current Interterminal Capacitance* Symbol V(BR) R IR C1.2V C3.5V C6.0V C8.0V Quality Factor Capacitance Ratio Matching Tolerance Q CR Cm IR=10A VR=9V VR=1.2V, f=1MHz VR=3.5V, f=1MHz VR=6.0V, f=1MHz VR=8.0V, f=1MHz VR=1.0V, f=1MHz C1.2V/C8.0V, f=1MHz (Cmax-Cmin)/Cmin Conditions Ratings min 16 100 388.1 144.2 45.71 20.30 200 15.5 0.03 459.1 192.1 60.91 27.05 typ max Unit V nA pF pF pF pF Note)*:The SVC321SPA is classufued by C1.2V and C8.0V as follows: Rank A B C D C1.2V(pF) 388.1 to 424.1 388.1 to 424.1 420.0 to 459.1 420.0 to 459.1 C8.0V(pF) 20.30 to 23.54 23.31 to 27.05 20.30 to 23.54 23.31 to 27.05 SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN 22898HA (KT)/D1096GI (KOTO) /3029MO/4088TA/4043KI, TS No.699-1/4 SVC321SPA Address and Capacitance Value Rnak and Address Table No.699-2/4 SVC321SPA No.699-3/4 SVC321SPA No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of February, 1998. Specifications and information herein are subject to change without notice. PS No.699-4/4 |
Price & Availability of SVC321SPA |